Part Number Hot Search : 
6701QX ON1516 0720EDJ 1N4755G C1683 BL55077 2SC3359P UPD43
Product Description
Full Text Search
 

To Download FCL20A015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? sbd type : fc fc fc fcl20 l20 l20 l20a0 a0 a0 a015 15 15 15 outline drawing maximum ratings approx net weight: 1.75g rating symbol FCL20A015 unit repetitive peak reverse voltage v rrm 15 v average rectified output current i o 20 tc=96 c 50 hz full sine wave resistive load a rms forward current i f(rms) 22.2 a surge forward current i fsm 180 50hz full sine wave ,1cycle non-repetitive a operating junctiontemperature range t jw -40 to +125 c storage temperature range t stg -40 to +125 c mounting torque ftor recommended torque = 0.5 n ? m electrical ? thermal characteristics characteristics symbol conditions min. typ. max. unit peak reverse current i rm tj= 25 c, v rm = v rrm per arm - - 10 ma peak forward voltage v fm tj= 25 c, i fm = 10 a per arm - - 0.4 v rth(j-c) junction to case - - 1.5 c /w thermal resistance rth(c-f) cace to fin - - 1.5 c /w features features features features *to-220ab case *fully molded *dual diodes ? cathode common *extremely low forward voltage drop *oring diode *high surge capability ?
 fcl_a_ outline drawin g (di m en si on s i n mm )
forward current vs. voltage FCL20A015 (per arm) 0 0.2 0.4 0.6 0.8 instantaneous forward voltage (v) 1 2 5 10 20 50 instantaneous forward current (a) tj=25c tj=125c average forward power dissipation 0 4 8 12 16 20 24 average forward current (a) 0 2 4 6 8 10 12 average forward power dissipation (w) FCL20A015 (total) 0 180 q conduction angle sine wave rect 180
peak reverse current vs. peak reverse voltage FCL20A015 (per arm) tj= 125 c 0 4 8 12 16 peak reverse voltage (v) 500 1000 2000 peak reverse current (ma) average reverse power dissipation FCL20A015 (total) 0 4 8 12 16 reverse voltage (v) 0 4 8 12 16 20 average reverse power dissipation (w) rect 180 sine wave
average forward current vs. case temperature FCL20A015 (total) v r m = 1 5 v 0 25 50 75 100 125 case temperature (c) 0 4 8 12 16 20 24 average forward current (a) 0 180 q conduction angle sine wave rect 180. surge current ratings FCL20A015 f=50hz,sine wave,non-repetitive,no load 0.02 0.05 0.1 0.2 0.5 1 2 time (s) 0 40 80 120 160 200 surge forward current (a) 0.02s i fsm
junction capacitance vs. reverse voltage FCL20A015 (per arm) t j = 2 5 c , v m = 2 0 m v r m s , f = 1 0 0 k h z , t y p i c a l v a l u e 0.5 1 2 5 10 20 reverse voltage (v) 200 500 1000 2000 junction capacitance (pf)


▲Up To Search▲   

 
Price & Availability of FCL20A015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X